Part Number Hot Search : 
12332 A5201 MCM6227B BRS340 120N6 53020C 5VCTT CXA16
Product Description
Full Text Search
 

To Download NL10276AC2801E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TFT COLOR LCD MODULE
NL10276AC28-01E
36 cm (14.1 type), 1024 788 pixels, FULL-COLOR, MULTI-SCAN FUNCTION INCORPORATED BACKLIGHT WITH INVERTER
DESCRIPTION
NL10276AC28-01E is a TFT (thin film transistor) active matrix color liquid crystal display (LCD) comprising amorphous silicon TFT attached to each signal electrode, a driving circuit and a backlight. NL10276AC28-01E has a built-in backlight with inverter. The 36cm diagonal display area contains 1024 768 pixels and can display full-color (more than 16 million colors simultaneously). NL1276AC28-01E is a sucessor model of NL10276AC28-01.
FEATURES
* High luminance and Low reflection * Analog RGB signals * Contrast and brightness control function * Multi-scan function: e.g., XGA, SVGA, VGA, VGA-TEXT, PC-9801, MAC * Incorporated edge-light type backlight with inverter (Two long life CCFLs per lamp holder) * Replaceable lamp holder (Part number: 141LHS08)
APPLICATIONS
* Engineering workstation(EWS), Desk-top type of PC * Display terminals for control system * Monitors for process controller
Document No. MA9811013 Date Published Nov. 1998 Printed in USA
(c) NEC Electronics Inc. 1998
NL10276AC28-01E
STRUCTURE AND FUNCTIONS A color TFT (thin film transistor) LCD module is comprised of a TFT liquid crystal panel structure, LSIs for driving the TFT array, and a backlight assembly. The TFT panel structure is created by sandwiching liquid crystal material in the narrow gap between a TFT array glass substrate and a color filter glass substrate. After the driver LSIs are connected to the panel, the backlight assembly is attached to the backside of the panel. RGB (red, green, blue) data signals from a source system is modulated into a form suitable for active matrix addressing by the onboard signal processor and sent to the driver LSIs which in turn addresses the individual TFT cells. Acting as an electro-optical switch, each TFT cell regulates light transmission from the backlight assembly when activated by the data source. By regulating the amount of light passing through the array of red, green, and blue dots, color images are created with clarity. OUTLINE OF CHARACTERISTICS (at room temperature) Display area Drive system Display colors Number of pixels Pixel arrangement Pixel pitch Module size Weight Contrast ratio 285.696 (H) 214.272 (V) mm a-Si TFT active matrix Full-color 1024 768 RGB vertical stripe 0.279 (H) 0.279 (V) mm 330.0 (H) 255.0 (V) 19.0 typ. (D) mm 1220 g (typ.) 150:1 (typ.) * Horizontal : 50 (typ., left side, right side) * Vertical Designed viewing direction * Wider viewing angle with contrast ratio * Optimum grayscale (g = 2.2) Polarizer hardness Color gamut Response time Luminance Signal system Supply voltage Backlight 2H (min. with JIS K5400) 40 % (typ.. At center, To NTSC) 25 ms (max.), "white" to "black" 200 cd/m2 (typ.) Analog RGB signals, Synchronous signals (Hsync, Vsync), Dot clock (CLK) 12 V, 12 V (Logic/LCD driving, Backlight) Edge light type: Two cold cathode fluorescent lamps with inverter [Replacement parts] * Lamp holder: 141LHS08 * Inverter: 141PW111 Power consumption 15 W (typ. ) : down side (6 o'clock) : 0 (typ.) * Wider viewing angle without image reversal : up side (12 o'clock) : 20 (typ., up side), 35 (typ., down side)
Viewing angle (more than the contrast ratio of 10:1)
2
NL10276AC28-01E
BLOCK DIAGRAM
I/F
LCD module
R G B AIF AMP
HS/CS VS CLK DE DESEL CLAMP CPSEL CNTDAT CNTCLK CNTSTB CNTSEL OSDENI OSDRI OSDGI OSDBI ADJSEL CNTSETB2 POWC VDD ON/OFF
V-driver H : 1024 3 (R, G, B) V : 768 768 lines LCD timing controller
Analog H-driver
3072 lines LCD panel
DC/DC converter
VDDB BRTC BRTH BRTL ACA BRTP PWSEL GNDB Inverter Edge light type backlight
GND
Note Neither GND nor GNDB is connected to the Frame.
3
NL10276AC28-01E
SPECIFICATIONS GENERAL SPECIFICATIONS
Item Module size Display area Number of dots Pixel pitch Dot pitch Pixel arrangement Display colors Weight Contents 330.0 0.5 (H) 255.0 0.5 (V) 20.5 (max.) (D) 285.696 (H) 214.272 (V) 1024 3 (H) 768 (V) 0.279 (H) 0.279 (V) 0.093 (H) 0.279 (V) RGB (Red, Green, Blue) vertical stripe full-color 1300 (max.) Unit mm mm dots mm mm -- color g
ABSOLUTE MAXIMUM RATINGS
Parameter Supply voltage Symbol VDDB VDD Logic input voltage R, G, B input voltage CLK input voltage BRTL input voltage Storage temp. Operating temp. Humidity (no condensation) Vin1 Vin2 Vin3 Vin4 Tst Top Ratings -0.3 to +14 -0.3 to +14 -0.3 to +5.5 -6.0 to +6.0 -7.0 to +7.0 -0.3 to +1.5 -20 to +60 0 to +50 < 95 % relative humidity = < 85 % relative humidity = Absolute humidity shall not exceed Ta = 50 C, 85 % relative humidity level. Unit V V V V V V C C Module surface Ta < 40 C = 40 < Ta < 50 C = Ta > 50 C --
Note
Remarks Ta = 25 C Ta = 25 C VDD = 12 V
Note
Measured at the LCD panel
4
NL10276AC28-01E
ELECTRICAL CHARACTERISTICS (1) Logic, LCD driving, Backlight (Ta = 25 C)
Item Supply voltage Symbol VDDB VDD Logic input "L" voltage 1 Logic input "H" voltage 1 Logic input "L" voltage 2 Logic input "H" voltage 2 CLK input voltage CLK DC input level Logic input "L" current 1 Logic input "H" current 1 Logic input "L" current 2 Logic input "H" current 2 Logic input "L" current 3 Logic input "H" current 3 Logic input "L" current 4 Logic input "H" current 4 Logic input "L" current 5 Logic input "H" current 5 Supply current
Note
Min. 11.4 11.4 0 4.5 0 2.2 0.6 -4.5 -10 -- -1400 -- -1.0 -- -1.0 -- -10 -- -- --
Typ. 12.0 12.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 700 530
Max. 12.6 12.6 0.6 5.25 0.8 5.25 1.0 +4.5 -- 160 -- 10 -- 0.8 -- 10 -- 10 900 800
Unit V V V V V V Vp-p V for CLK for backlight
Remarks
for Logic and LCD driving for BRTP for Logic except BRTP
ViL1 ViH1 ViL2 ViH2 ViCLK ViDCCLK IiL1 IiH1 IiL2 IiH2 IiL3 IiH3 IiL4 IiH4 IiL5 IiH5 IDDB IDD
mA mA mA mA
mA mA mA
for HS and VS
for CNTSEL, CPSEL, POWC, ADJSEL for ACA
mA mA mA
mA mA
for BRTC, BRTLC, ACA, POSEL, BRTP for Logic except above input VDDB = 12.0 V (Max. luminance) VDD = 12.0 V
Note Dot - checkered pattern (2) CLK input equivalent circuit
1000 pF CLK 510 W
(3) Video signal (R, G, B) input (Ta = 25 C)
Item Maximum amplitude (white - black) DC input level (black) Min. 0 (black) -3.5 Typ. 0.7 (white) -- Max. 0.9 +3.5 Unit Vp-p V Remarks Need to adjust the contrast in case of >0.7Vp-p --
5
NL10276AC28-01E
POWER SUPPLY (1) Supply Sequence
VDD Voltage Logic signals Note
T1ime 200 ms< 0 ms<
Note Synchronous signal, Control signals and CLK CAUTION Wrong power sequence may damage to the module. (a) Logic signals (synchronous signals and control signals) should be "0" voltage (V), when VDD is not input. If higher than 0.3 V is input to signal lines, the internal circuit will be damaged. (b) LCD module will shut down the power supply of driving voltage to LCD panel internally, when one of CLK, Hsync, and Vsync, DE (at DE mode) is not input more than 90 ms typically. As the display data are unstable in this period, the display is disordered. But the backlight works correctly event this period. So the backlight ON/OFF should be controlled by BRTC signal. (c) The ON/OFF switching of backlight while logic signals are supplied. The backlight power supply (VDDB) is not related to the power supply sequence. However, unstable data will be displayed when the backlight power is turned ON/OFF with no logic signals. (d) Keep POWC signal "L" more than 200 ms after the power supply (VDD) is input, if POWC signal is controlled. (e) Analog RGB input are independent from this power supply sequence. (f) The power supply of backlight VDDB should be the rated voltage witin 80ms after turn-on. Otherwise, the protection circuit makes the backlight turn off. (2) Ripple of supply voltage Please note that the ripple at the input connector of the module should be within the values shown below. If the ripple would be beyond these values, the noise might appear on the screen. VDD (for Logic and LCD driver) Acceptable range Note < 100 mVp-p VDDB (for Backlight) < - 200 mVp-p
A coaxial cable shield should be connected with GND.
(b) Put filters Power Filter * Filter * * Filter reference value L = 10 mH to 100 mH C = 10 mF to 100 mF VDD VDDB
Example of rhe power supply connection (a) Separate power supply Power Power VDD VDDB
6
NL10276AC28-01E
(3) Inverter Current Waveform In the luminance control mode, the rush current below flows into the inverter of the module. The duty cycle varies from 100% through 30% depending on the luminance control level. This might cause the noise on the screen. Please evaluate the appropriate value of the capacitor in the filter to eliminate the noise.
Filter Customer's Power Supply (12V)
Inverter of NL10276AC28-01E
to VDD
Rush current
750mA
GND Duty Frequency: VS frequency x K* *VS<75Hz: K=4.6 _ >75Hz: K=3.6
Frequency * 243 to 297Hz, 270Hz (Typical)
7
NL10276AC28-01E
INTERFACE PIN CONNECTION (1) CN1 Part No. Supplier Coaxial cable Supplier Note
Pin No. 1 2 3
: MRF03-6R-SMT : HIROSE ELECTRIC CO.,LTD. (coaxial type) : UL20537PF75VLAS : HITACHI CO., LTD. A coaxial cable shield should be connected with GND.
Symbol B G R Pin No. 4 5 6 Symbol VS HS/CS CLK 1 2 * * 5 6 Figure from socket view
Adaptable socket : MRF03-2 6P-1.27 (For cable type) or MRF03-6PR-SMT (For board to board type)
(2) CN3 Part No. Supplier
Pin No. 1 2 3 4 5 6 7 8
: IL-Z-15PL1-SMTY : Japan Aviation Electronics Industry Limited (JAE)
Symbol VDD VDD GND GND POWC CNTSEL CNTDAT CNTSTB Pin No. 9 10 11 12 13 14 15 Symbol GND CNTCLK CPSEL GND GND N.C. GND 15 14 * * * * 2 1 Figure from socket view
Adaptable socket : IL-Z-15S-S125C3
Note N.C. (No connection) should be open. (3) CN4 Part No. Supplier
Pin No. 1 2 3 4 5 6 7 8 9 10
: DF14A-20P-1.25H : HIROSE ELECTRONIC CO., LTD
Symbol GND OSDENI GND OSDBI GND OSDGI GND OSDRI GND N.C. Pin No. 11 12 13 14 15 16 17 18 19 20 Symbol ADJSEL N.C. CNTSTB2 GND N.C. GND N.C. N.C. N.C. N.C. 12 * * * 19 20 Figure from socket view
Adaptable socket : DF14-20S-1.25C
Note N.C. (No connection) should be open.
8
NL10276AC28-01E
(4) CN201 Part No. Supplier
Pin No. 1 2 3 4 5 6
: IL-Z-11PL1-SMTY : Japan Aviation Electronics Industry Limited (JAE)
Symbol VDDB VDDB VDDB GNDB GNDB GNDB Pin No. 7 8 9 10 11 Symbol ACA BRTC BRTH BRTL N.C. 11 10 * * * * * 2 1 Figure from socket view
Adaptable socket : IL-Z-11S-S125C3
Note N.C. (No connection) should be open. (5) CN202 Part No. Supplier
Pin No. 1 2 3 4 5
: IL-Z-9PL-SMTY : Japan Aviation Electronics Industry Limited (JAE)
Symbol GNDB GNDB ACA BRTC BRTH Pin No. 6 7 8 9 Symbol BRTL BRTP GNDB PWSEL 9 8 . . 2 1 Figure from socket view
Adaptable socket : IL-Z-9S-S125C3
Note N.C. (No connection) should be open. Caution: Use one of CN201 or CN202.
Rear view
1 1 9 1 11 CN201 15 CN3 1 1 CN4 20 CN202 Insert direction 6 CN1
9
NL10276AC28-01E
PIN FUNCTION
Symbol CLK HS/CS VS R G B POWC I/O Input Input Input Input Input Input Input Logic Negative Negative Negative -- -- -- Positive Description Dot clock input. (ECL level) This timing-signal is for display data. Horizontal synchronous signal input (TTL level) Vertical synchronous signal input (TTL level) Red video signal input (0.7 Vp-p, 75 W ) Green video signal input (0.7 Vp-p, 75 W ) Blue video signal input (0.7 Vp-p, 75 W ) Power control signal (TTL level) "H" or "Open" : Logic and LCD power are on. "L" : Logic and LCD power are off. When POWC is "L" , serial communication data is clear. Please set again. Note 1 Display control signal in case of serial communications. (TTL level) "H" or "Open": Default , "L": External control Serial communications set external control up. Display control data (TTL level) Detail of CNTDAT is mentioned in FUNCTIONS. CLK for display control data (TTL level) Detail of CNTCLK is mentioned in FUNCTIONS. Latch pulse for display control data (TTL level) Detail of CNTSTB is mentioned in FUNCTIONS. Clamp signal function select signal (TTL level) "H" or "Open": Default, "L": External control Clamp timing signal of black level (TTL level) This mode works in CPSEL = "L". Contrast, brightness select control signal (TTL level) Latch pulse 2 for display control data Detail of CNTSTB2 is mentioned in FUNCTIONS. Input OSD-R data. Detail of OSD-R is mentioned in OSD FUNCTIONS. Input OSD-G data. Detail of OSD-G is mentioned in OSD FUNCTIONS. Input OSD-R data. Detail of OSD-R is mentioned in OSD FUNCTIONS. Enable signal for OSD. Detail of OSDENI is mentioned in OSD FUNCTIONS. Luminance control signal (TTL level) "H" or "Open": Normal luminance "L" : Low luminance (1/2 of normal luminance) Backlight ON/OFF control signal (TTL level) "H" or "Open": Backlight ON, "L": Backlight OFF Variable resistor or Voltage controls Refer to the next page in detail. Input Input -- -- -- -- -- Positive -- -- -- -- Luminance control signal by Pulse Modulation Width. Refer to the next page. Select the control of luminance (TTL level) Refer to the next page. Power supply for Logic and LCD driving +12 V ( 5 %) Power supply for backlight. +12 V ( 5 %) Signal ground for Logic and LCD driving (Connect to a system ground) Ground for backlight. GNDB is not connected to the flame ground of LCD module.
CNTSEL
Input
--
CNTDAT CNTCLK CNTSTB CPSEL CLAMP ADJSEL CNTSTB2 OSDRI OSDGI OSDRI OSDENI ACA
Input Input Input Input Input Input Input Input Input Input Input Input
Positive Positive Positive -- Negative Positive Positive ------Positive Positive
BRTC BRTH BRTL BRTP PWSEL VDD VDDB GND GNDB
Input Input
Positive --
Notes 1. When POWC is "L" logic input signal is all "0 V". If input more than "0.3 V", inside circuits of the LCD module may be broken. 2 The frame ground, signal ground (GND) and backlight ground (GNDB) are not connected in the LCD module. 3 The power supply (VDDB) should rise the specific voltage within 80ms, otherise, the protection circuit makes the backlight off.
10
.
NL10276AC28-01E
[FUNCTION SELECT]
Form BRTP signal is "Valid" BRTP signal should be "Open" Terminal PWSEL="L" How to adjust Luminance can be controlled by BRTP signal. Refer to OUTSIDE CONTROL FOR LUMINANCE in detail. Resistor PWSEL="H" or "L" Voltage Please connect BRTH and BRTL with the variable resistor discribed as follows. BRTH is "0V", and BRTL input voltage controls brightness. When BRTL input voltage is"1V", the luminance becomes maximum. And when BRTL input voltage is "0V', the luminance becomes minimum.
Notes 1. The variable resistor for luminance control should be 10 kW type, and zero point of the resistor corresponds to the minimum luminance. Maximum luminance (100 %) : R = 10 kW Minimum luminance (30 %) 5 %, B curve : R=0W
BRTH R
BRTL
Mating variable resistor: 10 kW
FUNCTIONS This LCD module has following functions by serial data input (table 1) (1) Display position control (VERTICAL) (3) CLK delay control (4) (5) (6) (7) CLK fall/rise synchronous change Contrast control Sub-Contrast control Sub-Brightness control : See table 3 : See table 4 : See table 5 (2) Display position control(HORIZONTAL): See table 6
}
See table 9, 10 and COLOR CONTROL FUNCTION AND GRAPHIC IMAGE
Set up the following items to work the above functions (A) Expansion mode (B) CLK counts of horizontal period (C) CLK frequency range : See table 2 and EXPANSION FUNCTION : See table 7 : See table 8
HOW TO USE THE FUNCTIONS If CNTSEL is "L", the above functions are valid. (CNTSEL is "H" or open, default values are valid.) After serial data are transferred, the data is latched by CNTSTB. Once, the data is latched, the above functions are effective. Please keep CNTSTB to be "L" during transferring data. Input data can be changed during power on, but LCD display may be disturbed. When the serial data are changed, we recommend that the backlight power is off using BRTC function.
11
NL10276AC28-01E
HOW TO USE THE FUNCTIONS If CNTSEL is "L", the above functions are valid. (CNTSEL is "H" or open, default values are valid.) After serial data are transferred, the data is latched by CNTSTB. Once, the data is latched, the above functions are effective. Please keep CNTSTB to be "L" during transferring data. Input data can be changed during power on, but LCD display may be disturbed. When the serial data are changed, we recommend that the backlight power is off using BRTC function. SERIAL COMMUNICATION TIMING AND WAVEFORM
SERIAL COMMUNICATION TIMING CNTDAT CNTCLK CNTSTB INVALID D0 D1 D2 D44
Parameter CLK pulse-width CLK frequency DATA set-up-time DATA hold-time Latch pulse-width Latch set-up-time Rise/fall time
Symbol Twck Fclk Tdst Tdhl Twlp T1st Tr, Tf
Min. 50 -- 50 50 50 50 --
Max. -- 5 -- -- -- -- 50
Unit ns MHz ns ns ns ns ns CNT xxx CNTSTB CNTDAT CNTCLK
Remark
SERIAL COMMUNICATION WAVEFORM ViH CNTDAT ViL Tdst Tdhl Twck CNTCLK 50 % 10 % Tr Tlst 90 % ViH ViL Tf Twlp ViH CNTSTB 50 % ViL
12
NL10276AC28-01E
Table 1. CNTDAT Composition
DATA D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 D16 D17 D18 D19 D20 D21 D22 D23 D24 D25 D26 D27 D28 D29 D30 D31 D32 D33 D34 D35 D36 D37 D38 D39 D40 D41 D42 D43 D44 AD11 AD10 AD9 AD8 AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 DATA name VEX3 VEX2 VEX1 VEX0 VD10 VD9 VD8 VD7 VD6 VD5 VD4 VD3 VD2 VD1 VD0 DELAY6 DELAY5 DELAY4 DELAY3 DELAY2 DELAY1 DELAY0 CK S HD8 HD7 HD6 HD5 HD4 HD3 HD2 HD1 HD0 HSE10 HSE9 HSE8 HSE7 HSE6 HSE5 HSE4 HSE3 HSE2 HSE1 HSE0 MOD1 MOD0 DAA0 DAA1 DAA2 DAA3 DAD7 DAD6 DAD5 DAD4 DAD3 DAD2 DAD1 DAD0 Function Expansion mode Expansion mode Expansion mode Expansion mode Vertical display position (MSB) Vertical display position Vertical display position Vertical display position Vertical display position Vertical display position Vertical display position Vertical display position Vertical display position Vertical display position Vertical display position (LSB) CLK delay (MSB) CLK delay CLK delay CLK delay CLK CLK CLK CLK delay delay delay (LSB) reverse signal See table 2
See table 3
See table 4
Horizontal display position (MSB) Horizontal display position Horizontal display position Horizontal display position Horizontal display position Horizontal display position Horizontal display position Horizontal display position Horizontal display position (LSB) CLK count of horizontal period (MSB) CLK count of horizontal period CLK count of horizontal period CLK count of horizontal period CLK count of horizontal period CLK count of horizontal period CLK count of horizontal period CLK count of horizontal period CLK count of horizontal period CLK count of horizontal period CLK count of horizontal period (LSB) CLK frequency select CLK frequency select Color adjust select data (LSB) Color adjust select data Color adjust select data Color adjust select data (MSB) Color adjust data (MSB) Color adjust data Color adjust data Color adjust data Color adjust data Color adjust data Color adjust data Color adjust data (LSB)
See table 5 See table 6
See table 7
See table 8
13
NL10276AC28-01E
Table 2. Display Mode (VEX3 to VEX0: 4 bit)
Vertical magnification 1 1.25 1.6 o o o o o 1.2 o o o o o o
VEX3 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1
VEX2 0 0 0 0 1 1 1 0 0 0 0 1 1 1 1
VEX1 0 0 1 1 0 1 1 0 0 1 1 0 0 1 1
VEX0 0 1 0 1 1 0 1 0 1 0 1 0 1 0 1
Display mode XGA SVGA TEXT, PC98, VGA Prohibit Prohibit Prohibit Prohibit Prohibit 832 x 624 (MAC) Prohibit Prohibit Prohibit Prohibit Prohibit Prohibit Standard Note
Display image
See DISPLAY IMAGE
Note When CNTSEL is iHi or iOpeni, display mode is XGA.
Table 3. Vertical Position (VD10 to VD0: 11 bit)
VD10 0 0 0 0 0 0 1 1 1 VD9 0 0 0 0 0 0 1 1 1 1 1 1 VD8 0 0 0 0 0 0 1 1 1 VD7 0 0 0 0 0 0 1 1 1 VD6 0 0 0 0 0 0 1 1 1 VD5 0 0 0 0 0 0 1 1 1 VD4 0 0 0 0 0 0 1 1 1 VD3 0 0 0 0 0 0 1 1 1 VD2 0 0 0 0 1 1 0 1 1 VD1 0 0 1 1 0 0 1 0 1 VD0 0 1 0 1 0 1 Vertical position [H] Note 1 Prohibit Prohibit Prohibit Prohibit 4 5 2045 2046 2047 Note 2
Notes 1. This is horizontal line number for effective VIDEO signal from Vsync-fall. 2. The maximum vertical position is Vsync total. 3. When CNTSEL is iHi or iOpeni, vertical position is fixed at 35 [H].
14
NL10276AC28-01E
Table 4. CLK Delay (DELAY6 to DELAY0: 7 bit)
DELAY[6..0] 00H 01H 02H 03H 04H 05H 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 0FH 10H 11H 12H 13H 14H 15H 16H 17H 18H 19H 1AH 1BH 1CH 1DH 1EH 1FH 20H 21H 22H 23H 24H 25H 26H 27H 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH Delay 11.1 11.3 11.6 11.8 12.1 12.3 12.6 12.8 13.1 13.4 13.6 13.9 14.1 14.4 14.6 14.9 15.2 15.5 15.7 16.0 16.2 16.5 16.7 17.0 17.3 17.5 17.8 18.1 18.3 18.6 18.8 19.1 19.4 19.6 19.9 20.2 20.4 20.7 20.9 21.2 21.5 21.7 22.0 22.3 22.5 22.7 23.0 23.3 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns DELAY[6..0] 30H 31H 32H 33H 34H 35H 36H 37H 38H 39H 3AH 3BH 3CH 3DH 3EH 3FH 40H 41H 42H 43H 44H 45H 46H 47H 48H 49H 4AH 4BH 4CH 4DH 4EH 4FH 50H 51H 52H 53H 54H 55H 56H 57H 58H 59H 5AH 5BH 5CH 5DH 5EH 5FH Delay 23.6 23.8 24.1 24.3 24.6 24.8 25.1 25.3 25.6 25.8 26.1 26.4 26.6 26.8 27.1 27.4 27.7 28.0 28.3 28.5 28.8 29.0 29.3 29.5 29.8 30.1 30.3 30.6 30.8 31.1 31.3 31.6 31.9 32.1 32.4 32.7 32.9 33.2 33.4 33.7 34.0 34.3 34.5 34.8 35.0 35.3 35.5 35.8 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns DELAY[6..0] 60H 61H 62H 63H 64H 65H 66H 67H 68H 69H 6AH 6BH 6CH 6DH 6EH 6FH 70H 71H 72H 73H 74H 75H 76H 77H 78H 79H 7AH 7BH 7CH 7DH 7EH 7FH Delay 36.0 36.3 36.6 36.8 37.1 37.3 37.6 37.8 38.1 38.4 38.7 38.9 39.2 39.4 39.7 39.9 40.2 40.4 40.7 41.0 41.2 41.4 41.7 42.0 42.3 42.5 42.8 43.1 43.3 43.5 43.8 44.0 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Notes 1. When CNTSEL is "H" or "Open", DELAY[6..0] is fixed at 00H. 2. This delay value is typical value at Ta = 25 C. By changing ambient temperature and power supply, the delay will be changed.
13
NL10276AC28-01E
Please set up a preferable display position. See the following references. <1> Variation of CLK delay by temperature drift. (as reference) The temperature constant of CLK delay is 0.2 %/C. Calculated example: In case of delay time is 20 ns at Ta = 25 C; (a) In case Ta rising to 50 C. Increase of delay time (50 C n 25 C) x 0.002 x 20 ns = +1 ns So, the total delay time is 21 ns at Ta = 50 C. (b) In case Ta falling to 0 C. Decrease of delay time ( 0 C n 25 C) x 0.002 x 20 ns = n1 ns So, the total delay time is 19 ns at Ta = 0 C. <2> Variation of CLK delay time against each LCD module. (as reference) n10.5 % to +14.4 %
MOD setting 0, 0 The upper limit of CLK delay; DELAY[6..0] Prohibit 0, 1 59H 1, 0 6BH 1, 1 7FH
Table 5. CLK Reverse Signal
CKS 0 FUNCTION DATA is sampled on rising edge of CLK
1
DATA is sampled on falling edge of CLK
Note When CNTSEL is iHi or iOpeni, CKS is i0i. Table 6. Display Horizontal Position (HD8 to HD0: 9 bit)
HD8 0 0 0 0 0 1 1 1 HD7 0 0 0 1 1 1 1 1 HD6 0 0 1 0 0 1 1 1 1 1 1 1 0 0 HD5 0 0 HD4 0 0 1 0 0 1 1 1 HD3 0 0 1 0 0 1 1 1 HD2 0 0 1 0 0 1 1 1 HD1 0 0 1 0 0 0 1 1 1 0 1 1 0 1 HD0 0 1 Horizontal position [CLK] Note 1 Prohibit Prohibit Prohibit 64 65 509 510 511
Notes 1. This is CLK number from Hsync-fall to effecting VIDEO signal. 2. When CNTSEL is iHi or iOpeni, Horizontal position is set at 296 [CLK].
16
NL10276AC28-01E
Table 7. CLK Count of Horizontal Period (HSE10 to HSE0: 11 bit)
HSE10 HSE9 0 0 * * * 1 1 1 0 0 * * * 1 1 1 HSE8 HSE7 0 0 * * * 1 1 1 0 0 * * * 1 1 1 HSE6 0 0 * * * 1 1 1 HSE5 0 0 * * * 1 1 1 HSE4 0 0 * * * 1 1 1 HSE3 0 0 * * * 1 1 1 HSE2 0 0 * * * 1 1 1 HSE1 0 0 * * * 0 1 1 HSE0 0 1 * * * 1 0 1 CLK count Note 1 0 1 * * * 2045 2046 2047
Notes 1. This is CLK number from Hsync to next Hsync. 2. When CNTSEL is "H" or "Open", CLK count is set at 1344 [CLK]. 3. This CLK count must be equal to CLK count of input signal. Table 8. CLK Frequency Select (MOD1 to MOD0: 2 bit)
MOD1 0 0 1 1 MOD0 0 1 0 1 CLK frequency [MHz] Prohibit 65 to 80 50 to 65 20 to 50
Notes 1. Set up the MOD1 and MOD0 complying with input CLK frequency. 2. When CNTSEL is "H" or "Open", CLK frequency is set 65 to 80 MHz.
Table 9. Color control data (DAD7 to DAD0: 8 bit)
DAD7 DAD6 DAD5 DAD4 0 0 * * * 1 1 1 0 0 * * * 1 1 1 0 0 * * * 1 1 1 0 0 * * * 1 1 1 DAD3 DAD2 DAD1 DAD0 0 0 * * * 1 1 1 0 0 * * * 1 1 1 0 0 * * * 0 1 1 0 1 * * * 1 0 1 Adjustment value 0 1
253 254 255
Notes 1. The adjustment value for selecting function is above table. 2. Different D/A-range depends on the fucntion select. 3. See more detail on Color control function and graph image.
17
NL10276AC28-01E
Table 10. Color adjust select data (DAA3 to DAA0: 4 bit)
DAA3 DAA2 DAA1 DAA0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 0 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 0 1 0 1 Function Prohibit Main contrast Prohibit Prohibit Sub-contrast R Sub-contrast G Sub-contrast B Sub-brightness R Sub-brightness G Sub-brightness B Prohibit Prohibit Prohibit Prohibit Prohibit
Notes 1. See more detail on Color control function and graph image.
EXPANSION FUNCTION HOW TO USE EXPANSION MODE Expansion mode is a function to expand screen. For example, VGA signal has 640 480 pixels. But, if the display data can expanded to 1.6 times vertically and horizontally, VGA screen image can be displayed fully on the screen of XGA resolution. This LCD module has the function of expanding vertical direction as shown in Table 1. And expanding horizontal direction is possible by setting input CLK frequency which is equivalent to the magnification. It is necessary to make this CLK outside of this LCD module. The below image is display example, when DE function is default and HD and VD is set to most suitable frequency. And when DE function is used, HD and VD become default. Adjustment the display to the best position by DE signal. Please adopt this mode after evaluating display quality, because the appearance of expansion mode is happened to become bad some cases.
18
NL10276AC28-01E
The followings show display magnifications for each mode.
Magnification Vertical XGA SVGA VGA VGA text PC9801 MAC 1024 x 768 800 x 600 640 x 480 720 x 400 640 x 400 832 x 624 1 1.25 1.6 1.6 1.6 1.2 Horizontal Note 1 1.25 1.6 1.4 1.6 1.2
Input display
Number of pixels
Note The horizontal magnification multiples the input clock (CLK). Input CLK = system CLK x horizontal magnification Example In case of XGA and VGA, CLK frequency can be decided as follows. XGA: (system CLK (65 MHz)) x 1.0 = 65 MHz VGA: (system CLK (25.175 MHz)) x 1.6 = 40.28 MHz SETTING SERIAL DATA
Input signal Horizontal Mode System CLK [MHz] Hsync [kHz] Vsync [Hz] Count number [CLK] (A) XGA (1024 x 768) MAC (832 x 624) SVGA (800 x 600) 65 75 78.75 57.283 36* 40* 50* 49.5* 25.175* 31.5* 31.5* 30.24* 28.322* 31.5* 21.053* 48.363 56.476 60.023 49.725 35.156 37.879 48.077 46.875 31.469 37.861 37.5 35.0 31.469 37.927 24.827 60.004 70.069 75.029 74.5 56.25 60.317 72.188 75 59.94 72.809 75 66.667 70.087 85.04 56.432 1344 1328 1312 1152 1024 1056 1040 1056 800 832 840 864 900 936 848 DSP* [CLK] (B) 296 280 272 288 200 216 184 240 144 168 184 160 153 180 144 Vertical Count number [H] o 806 806 800 667 625 628 666 666 525 520 500 525 449 446 440 DSP* [H] (C) 35 35 31 42 24 27 29 24 35 31 19 42 37 45 33 Module serial data setting HSE HD Calculation formula (A) x Ver. mag. (B) x Hor. mag. (A) x 1 (B) x 1 = (C) = (C) VD
(A) x 1.2 (A) x 1.25
(B) x 1.2 (B) x 1.25
VGA (640 x 480)
(A) x 1.6
(B) x 1.6
VGA text (720 x 400) PC9801 (640 x 400)
(A) x 1.4 (A) x 1.6
(B) x 1.4 (B) x 1.6 443
* DSP = Display Start Period. DSP is the total of ipulse-widthi and iback-porchi. Notes 1. HD and VD are approximate value. Set HD and VD in case of adjusting display to the screen center. 2. The pulse-width of Hsync, Vsync and back-porch are the same as XGA-mode. (Standard-mode). 3. HSE see CLK number of Table 7. 4. HD see horizontal position of Table 6. 5. VD see vertical position of Table 3.
19
NL10276AC28-01E
DISPLAY IMAGE 1) SVGA mode (800 x 600)
XGA (1024 x 768)
Black display area
Horizontal : x 1.25 (1000 pixels) Vertical : x 1.25 (750 pixels)
2)
VGA mode (640 x 480)
Horizontal : x 1.6 (1024 pixels) Vertical : x 1.6 (768 pixels)
3)
PC9801 mode (640 x 400)
XGA (1024 x 768)
Black display area
Horizontal : x 1.6 (1024 pixels) Vertical : x 1.6 (640 pixels)
4)
VGA text mode (720 x 400)
XGA (1024 x 768)
Black display area
Horizontal : x 1.4 (1008 pixels) Vertical : x 1.6 (640 pixels)
5)
832 x 624 MAC mode (832 x 624)
XGA (1024 x 768)
Black display area
Horizontal : x 1.2 (998 pixels) Vertical : x 1.2 (748 pixels)
20
NL10276AC28-01E
COLOR CONTROL FUNCTION AND GRAPH IMAGE
This LCD module can adjust the following fucntions by serial data input (Table 1) (1) Main contast: (2) Sub-contrast each R, G, B: (3) Sub-brightness each R, G, B: (1) Main Contrast Main contrast adusts R/G/B contrast simalteniously. Contrast controls the amplitude of input video signal. Defalut value: 128, Valid range: 78 to 198 Contrast minimum: 198 Contrast maximum: 78 ADJSEL="H" or "Open": Main contrast =128 (2) Sub-contrast R, G, B Sub-contrast adjusts each R/G/B. Sub-ontrast controls each amplitude of input video signal. Default value: 128, Valid range: 78 to 198 Contrast minimum: 198 Contrast maximum: 78 ADJSEL="H" or "Open": Main contrast=128 (3) Sub-brightness R, G, B Sub-brightness adjusts each R/G/B. Brightness adjusts the black level of input video signal. Default value: 128, Valid range: 55 to 163 Brightness minimum: 55 Brightness maximum: 163 ADJSEL="H" or "Open": Main contrast=128 Note1: If the LCD module is used over the above valid range, it will not be destroied. However, it will be inferiority. Please set each values within the specifed range. Note 2:
21
NL10276AC28-01E
COLOR CONTROL FUNCTION AND GRAPH IMAGE
Expansion mode is a function to expand screen. For example, VGA signal has 640 480 pixels. But, if the display
22
NL10276AC28-01E
COLOR CONTROL FUNCTION AND GRAPH IMAGE
Expansion mode is a function to expand screen. For example, VGA signal has 640 480 pixels. But, if the display
23
NL10276AC28-01E
COLOR CONTROL FUNCTION AND GRAPH IMAGE
Expansion mode is a function to expand screen. For example, VGA signal has 640 480 pixels. But, if the display
24
NL10276AC28-01E
INPUT SIRIAL TIMING XGA MODE (STANDARD)
Name CLK Frequency Symbol 1/tc Min. 52.0 o Rise / Fall Pulse-width Hsync Period tcrf tcl/tc th o 0.4 16.0 o Display thd o o Front-porch thf o 10 Pulse-width thp o 16 Back-porch thb 1.0 44 Pulse-width + Back-porch Vsync n Hsync timing thpb thvh thvs Rise / Fall Vsync Period thrf tv 1.8 4 1 o 13.3 o Display tvd o o Front-porch tvf o 1 Pulse-width tvp o 2 Back-porch tvb o 5 DE Set-up time Hold time Rise / Fall Analog R, G, B o tds tdh tdrf tda 2 4 o 4 Typ. 65.0 15.385 o 0.5 20.677 1344 15.754 1024 0.369 24 2.092 136 2.462 160 o o o o 16.665 806 15.880 768 62.031 3 124.06 6 599.63 29 o o o o Max. 79.0 o 10 0.6 22.7 o o o o o o o o o o o o 10 18.5 o o o o o o o o o o o 10.0 o Unit MHz ns ns o o o Remark XGA standard
s48.363 kHz (typ.) CLK s CLK s CLK s CLK s CLK s
ns CLK ns ms H Note o
o
o
o o o o 60.004 Hz (typ.)
s H s H s H s H
ns ns ns ns
o
o
o
o
o o o o
Note Minimum values of Back-porch (thb) must be satisfied with both 1.0 s and 44 CLK.
25
NL10276AC28-01E
tv tvp
Vsync tvb tvd tvf
Display period
th thp
Hsync thb thd thpb Display period thf
ViH Vsync ViL
thvh
thvs
Hsync thrf
ViH ViL
26
NL10276AC28-01E
TIMING FOR GENERATING CLAMP SIGNAL INTERNALLY
Hsync Display period tA tB CLAMP
MOD1 0 0 1 1
MOD2 0 1 0 1
tA [CLK]
tB [ns]
Prohibit 2 2 2 27 20 15
Note Exclude noises on analog R, G, B signal, because analog R, G, B signals are the black level reference during CLAMP = "L". If noises are on the analog signals, luminance level of display is changed and the display becomes bad. TIMING FOR INPUTING CLAMP SIGNAL FROM OUTSIDE
Hsync Display period tA CLAMP tB tC
Item tA tB tC
Min. 0.1 0.3 0.2
Typ. -- -- --
Max. -- -- --
Unit
Remarks -- -- --
ms ms ms
Note Exclude noises on analog R, G, B signal, because analog R, G, B signals are the black level reference during CLAMP = "L". If noises are on the analog signals, luminance level of display is changed and the display becomes bad.
27
NL10276AC28-01E
INPUT SIGNAL AND DISPLAY POSITION XGA standard timing Pixels
D(0,0) D(1,0) D(2,0) * * * * D(767,0) D(0,1) D(1,1) D(2,1) * * * * D(767,1) D(0,2) D(1,2) D(2,2) * * * * D(767,2) *** *** *** *** *** *** *** *** D(0,1023) D(1,1023) D(2,1023) * * * * D(767,1023)
tvp
tvb
Vsync
1 line
Hsync 1 XGA mode (R) 0 (CNTSEL = "H" or "Open") R G B
thp thb
2
3
4
5
***
35
36
37
Invalid
Valid D(0,X) D(1,X) D(2,X)
Hsync
1clk
CLK (R)0 1 XGA mode (CNTSEL = "H" or "Open") R G B Invalid Valid D(X,0) D(1,X) D(2,X) 2 3 4 5 *** 296 297 tda 298
Note tda should be minimum 4ns
28
NL10276AC28-01E
OPTICAL CHARACTERISTICS (Ta = 25 C, VDD = 12 V, VDDB = 12 V)
Item Contrast ratio Symbol CR Condition Best contrast angle q R = 0, q L = 0, q U = 7, White/Black Min. Typ. Max. Unit Remark Note 1 -- 300 -- --
g = 2.2 viewing angle q R = 0, q L = 0, q D = 5, White/Black
Luminance Luminance uniformity Color gamut Lvmax -- C White White
80 150 -- 35 -- --
150 200 -- 40 11 40
-- -- 1.30 -- 25 80
-- cd/m2 -- % ms ms Note 4 Note 2 Note 3
q R = 0, q L = 0, q U = 0 q D = 0, At center, to NTSC
White to black White to black
Response time
Ton Toff
Reference data (Ta = 25 C, VDD = 12 V, VDDB = 12 V)
Item Chromaticity Coordinates Symbol W R G B Viewing angle range Condition White (x, y) Red (x, y) Green (x, y) Blue (x, y) CR > 10, q U = 0, q D = 0 Min. -- -- -- -- 40 40 CR > 10, q R = 0, q L = 0 15 25 Maximum luminance: 100 % ACA = H ACA = L -- -- Typ. 0.30, 0.31 0.57, 0.33 0.32, 0.51 0.15, 0.11 50 50 20 35 30 to 100 40 to 100 Max. -- -- -- -- -- -- -- -- -- -- Unit -- -- -- -- deg. deg. deg. deg. %
qR qL qU qD
Luminance control range by BRTH/BRTL
--
Notes 1. The contrast ratio is calculated by using the following formula. Luminance with all pixels in "white" Luminance with all pixels in "black"
Contrast ratio (CR) =
2. The luminance is measured after 20 minutes from the module works, with all pixels in "white". The typical value is measured after luminance saturation.
50 cm Photo-detector
1 LCD module
29
NL10276AC28-01E
Notes 3. Luminance uniformity is calculated by using the following formula. Maximum luminance Minimum luminance
Luminance uniformity =
The luminance is measured at near the five points shown below.
Colum 256 512 768
Line
1 3 4
2
192 384
5
576
4. Definitions of viewing angle are as follows.
Normal
qL
-x
qU qR
+y
12 o'clock
qD
-y
+x
5. Definitions of response time is as follows. Photo-detector out put signal is measured when the luminance changes "white" to "black". Response time is the time between 10 % and 100 % of the photo-detector output amplitude.
On Data Off 100 % 90 % Luminance Display color White
10 % 0% Ton Toff
Black Time
30
NL10276AC28-01E
RELIABILITY TEST
Test item High temperature/humidity operation Note 1 Test condition 50 2C, 85% relative humidity 240 hours Display data is black. <1> 0C 3C *** 1 hour 55C 3C *** 1 hour <2> 50 cycles, 4 hours/cycle <3> Display data is black. <1> -20C 3C *** 30 minutes 60C 3C *** 30 minutes <2> 100 cycles <3> Temperature transition time within 5 minutes Vibration (non-operation) Notes 1, 2 <1> 5 - 100 Hz, 2G 1 minute/cycle X, Y, Z direction <2> 50 times each direction <1> 55 G, 11 ms X, Y, Z direction <2> 3 times each direction 150 pF, 150 , 10 kV 9 places on a panel 10 times each place at one-second intervals 15 kinds of dust (JIS Z 8901) Hourly 15 seconds stir, 8 times repeat
Heat cycle (operation) Note 1
Thermal shock (non-operation) Note 1
Mechanical shock (non-operation) Notes 1, 2
ESD (operation) Notes 1, 3
Dust (operation) Note 1
Notes 1. Display function is checked by the same condition as LCD module out-going inspection. 2. Physical damage. 3. Discharge points "z" are shown in the figure.
31
NL10276AC28-01E
Next figures and sentence are very important. Please understand these, then read the text of a book.
CAUTION
This figure is a mark that you will get hurt and/or the module will have damages when you make a mistake to operate.
This figure is a mark that you will get an electric shock when you make a mistake to operate.
This figure is a mark that the LCD module will give out smoke or catch fire when you make a mistake to operate.
This figure is a mark that you will get hurt when you make a mistake to operate.
CAUTION
Do not touch an inverter --on which is stuck a caution label-- while the LCD module is under the operation, because of dangerous high voltage. (1) Caution when taking out the module <1> Pick the pouch only, in taking out module from a carrier box. (2) Caution for handling the module <1> As the electrostatic discharges may break the LCD module, handle the LCD module with care against electrostatic discharges. <2> As the LCD panel and backlight element are made from fragile glass material, impulse and pressure to the LCD module should be avoided. <3> As the surface of polarizer is very soft and easily scratched, use a soft dry cloth without chemicals for cleaning. <4> Do not pull the interface connectors in or out while the LCD module is operating. <5> Put the module display side down on a flat horizontal plane. <6> Handle connectors and cables with care. <7> When the module is operating, do not lose CLK, Hsync, or Vsync signal. If any one of these signals is lost, the LCD panel would be damaged. <8> The torque of mounting screw should be 0.392 N*m (4 Kgf*cm) less. (3) Caution for the atmosphere <1> Dew drop atmosphere should be avoided. <2> Do not store and/or operate the LCD module in a high temperature and/or high humidity atmosphere. Storage in an electro-conductive polymer packing pouch and under relatively low temperature atmosphere is recommended.
32
NL10276AC28-01E
<3> This module uses cold cathode fluorescent lamps. Therefore, the life time of lamps becomes short conspicuously at low temperature. <4> Do not operate the LCD module in a high magnetic field. (4) Caution for the module characteristics <1> Do not apply fixed pattern data signal to the LCD module at product aging. Applying fixed pattern for a long time may cause image sticking. (5) Other cautions <1> Do not disassemble and/or reassemble LCD module. <2> Do not readjust variable resistor or switch etc. <3> When returning the module for repair or etc., please pack the module not to be broken. We recommend to the original shipping packages. Liquid Crystal Display has the following specific characteristics. There are not defects or malfunctions. The display condition of LCD module may be affected by the ambient temperature. The LCD module uses cold cathode tube for backlight. Optical characteristics, like luminance or uniformity, will change during time. Uneven brightness and/or small spots may be noticed depending on different display patterns.
33
OUTLINE DRAWING (Unit in mm)
FRONT VIEW
330 0.5 320 0.3 290.4 0.3 (BEZEL OPENING) (285.696) (ACTIVE AREA) MAX 20
(4.5)
(5)
200 0.3
(4.5)
MODULE CENTER
ACTIVE AREA CENTER
(7.14)
(9.5) (32)
4 n 3.5
200 0.3
(214.27) (ACTIVE AREA)
(10.8)
(16.2)
(13) (80)
(13)
(94)
(13)
(30) (72)
(55) (13)
(20)
Inverter
NL10276AC28-01E
Notes 1. The value in parentheses are for reference.
2. The torque to mounting screw should never exceed 0.392 N (4 Kgf m cm).
MAX 19.5
219 0.3 (BEZEL OPENING)
255 0.5
34
(52)
(21) (7)14.3) (
(51)
(97)
(30)
(69.5)
(10)
DETALE A (55)
(65)
(30.5)
(3.3) (161) (86) (5)
(100)
(9)
(26)
(10.2)
(45)
(50)
(98.8)
MRF03-6R-SMT ( MIROSE ELECTRIC CO.,LTD.)
THE TFT COLOR LCD PANEL CONTAINS COLD CATHODE FLUORESCENT LAMPS. PLEASE FOLLOW LOCAL ORDINANCES OR REGULATIONS FOR ITS DISPOSAL.
(54)
14 BLM-1
(8)12.6) (
(29)
(10)
(115.2)
(65)
IL-Z-xxPL-SMTY (Japan Aviation Electronics Industry, Limited)
(30)
(10.2) (10)
A
1
0
0
0
A
7
6
2
8
0
2
NL 10276AC8-01
ES222B421 A100100100100
MIDE IN JAPAN
(14.3)
(7)
(8)
(9)
NL10276AC28-01E
DETALE A ( 2/1 )
(3)
35
(202.5) (144.5) (70) (26) (4) 2-M3BR (10.3) (10.5) (50) (10.3) (3.4) (2.7) (12.5) (48.6) (10.2) (3.4) (4) (10.3) (10.3) (4) (2.7)
OUTLINE DRAWING (Unit in mm)
REAR VIEW
(2.7)
(3.4)
(4.3)
(2.7)
(3.4)
(6)
(1.8)
NL10276AC28-01E
[MEMO]
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC?s Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96.5
2


▲Up To Search▲   

 
Price & Availability of NL10276AC2801E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X